PART |
Description |
Maker |
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
50539-8100 50539-8000 |
Crimp Pin Contact; Wire Size (AWG):24-18; Gender:Female; Pitch Spacing:0.156" PHOSPHOR BRONZE, TIN FINISH, WIRE TERMINAL 505398000
|
Molex, Inc. MOLEX INC
|
RED3600 RED360 RED300 RED3000 RED RED6 RED600 RED1 |
AC LINE FREQUENCY DIVIDERS CRIMP PIN, SURE SEAL, PK100; Connector type:Contact, Crimp; Gender:Pin; Termination method:Crimp; Material, contact:Copper alloy; Plating, contact
|
LSI[LSI Computer Systems] LSI Corporation
|
08-50-0113 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Plating:Tin; Series:2759; Lead Pitch:2.54mm; Reel Quantity:10000; Voltage Rating:250V BRASS, TIN OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
50011-8000 50011-8100 |
Crimp Socket Contact; Wire Size (AWG):30-24; Contact Current:2A; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Reel Quantity:10000; Voltage Rating:125V RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):30-24; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Voltage Rating:125V RoHS Compliant: Yes
|
MOLEX INC
|
APL431 APL431AAC-PB APL431AAC-PBL APL431AAC-TB APL |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:11-13 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No PV74L16-26S Circular Connector; No. of Contacts:53; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-53 RoHS Compliant: No 71-580362-12P MIC ELECTRET NOISE CANCEL WTRPRF Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:24; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 5C 3#12 2#0 SKT PLUG LJT 6C 6#22D SKT PLUG Circular Connector; No. of Contacts:61; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-61 RoHS Compliant: No JT 128C 128#22D SKT RECP Circular Connector; No. of Contacts:61; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-61 Circular Connector; No. of Contacts:13; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No GTS03024-11S-025 GT 4C 4#4 PIN PLUG Circular Connector; No. of Contacts:128; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 4C 4#16S SKT PLUG ER 3C 3#8 PIN PLUG LJT 128C 128#22D PIN WALL RECP 100MBPS TP-ST MM FIBER CONVERTER GT 9C 3#16 6#12 PIN RECP WALL Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 100BASE-TX/FIBER, MULTIMODE W/MTRJ Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; No. of Contacts:32; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-32 RoHS Compliant: No ER 3C 3#8 SKT PLUG ER 5C 2#16 1#12 2#4 SKT PLUG Circular Connector; No. of Contacts:11; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 RoHS Compliant: No Circular Connector; No. of Contacts:128; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female RoHS Compliant: No LJT 13C 13#22M PIN RECP Circular Connector; No. of Contacts:11; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 RoHS Compliant: No RES, 0603, TKF, 2.32K, 1%, 1/10W Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:22; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight GT 35C 35#16 PIN PLUG GT 6C 2#8 4#16 PIN PLUG GT 7C 7#8 SKT RECP 可调节精密并联稳压器 Adjustable Precision Shunt Regulator 可调节精密并联稳压器 CAMPUS FIBER DRIVER X.21, 850N 可调节精密并联稳压器 ER 6C 3#16 3#4 SKT PLUG 可调节精密并联稳压器 ER 6C 3#4 3#16 PIN PLUG 可调节精密并联稳压器 GT 4C 4#4 SKT PLUG 可调节精密并联稳压器 Circular Connector; No. of Contacts:3; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:9-98 可调节精密并联稳压器 JT 53C 53#22 PIN PLUG 可调节精密并联稳压器 JT 11C 11#16 PIN PLUG 可调节精密并联稳压器 JTG 32C 32#20 SKT PLUG 可调节精密并联稳压器
|
Anpec Electronics Corop... http:// ETC[ETC] ANPEC[Anpec Electronics Coropration] Anpec Electronics Corporation Anpec Electronics, Corp.
|
AM6T-4803DH35 AM6T-1203DH35 AM6T AM6T-1203D AM6T-1 |
JT 13C 13#22D PIN RECP 六瓦特的DC - DC转换 Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:3; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:9-98 RoHS Compliant: No From old datasheet system 6 watt dc-dc converters
|
Aimtec http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
SPC-1004P-820 SPC-1004P SPC-1004P-100 SPC-1004P-10 |
SMD POWER INDUCTORS Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-5 Circular Connector; Body Material:Aluminum; Series:PT02; Number of Contacts:23; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Socket Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-19 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT02; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle PTSE 19C 19#20 PIN RECP PT02SE16-23P-025 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR, SMD Circular Connector; Body Material:Aluminum; Series:PT02; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-5 SMD功率电感 71-
|
MICRO-ELECTRONICS[Micro Electronics] Stackpole Electronics, Inc. FIBOX Vishay Intertechnology, Inc.
|
1N5802-1 JANHCE1N5802 JANKCE1N5802 JANKCE1N5806 JA |
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS 2.5 A, SILICON, RECTIFIER DIODE Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:79; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-35 RoHS Compliant: No JT 79C 79#22D PIN RECP Circular Connector; No. of Contacts:32; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-32 RoHS Compliant: No Ultra Fast Rectifier (less than 100ns)
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
50896-7312 0508967312 |
Wire Pin Terminal, Type A, for 16-14 AWG Wire, Pin Size 1.70mm (.067) Round
|
Molex Electronics Ltd.
|